Part Number Hot Search : 
24204 65039 SC502 111X17X RT8011PF ECCM9 LGT672 IRFP240
Product Description
Full Text Search
 

To Download HBLVSQ6023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wiring device-kellems ? circuit-lock ? and motorquick ? manual motor controllers and disconnects a safety-first priority www.hubbell-wiring.com
2 hubbell manufactures one of the most complete lines of motor disconnects on the market. designed to ensure maximum reliability and performance, hubbell circuit-lock ? motor controllers meet or exceed all industry requirements. because our circuit-lock ? motor controllers are also disconnects, they ensure safety, compliance, fexibility and productivity for todays industrial and commercial environments. whether controlling motor loads, safely terminating power or isolating equipment, hubbell has the solution for youno matter what the environment or application. nec ? is a registered trademark of the national fire protection association (nfpa). nema ? is a registered trademark of the national electrical manufacturers association. variable frequency disconnects each controller is also a disconnect for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com hubbell compliance compliance with codes and regulations is a must in any industrial environment. hubbell motor controllers meet a variety of requirements, including osha lockout/tagout, nsf certifcation for hygiene and hazardous location ratings. each circuit-lock ? motor controller is ul listed as suitable as motor disconnect. the nec ? allows for the disconnect and controller to be in one unit. hubbell safety safety of personnel and equipment is paramount in any manufacturing environment. hubbell circuit-lock ? motor controllers withstand short circuits and provide a high degree of safety across the factory foor. disconnect switches for variable frequency drives (vfds) safely terminate power to prevent risk of injury and damage to high- performance output devices used for controlling todays conveyor systems. hubbell productivity circuit-lock ? keeps assembly lines, goods and services moving. by offering a dual motor controller-disconnect rating, power can be safely terminated at any point in the circuit to perform maintenance on a single motor without shutting down the entire line. with the plug-and-play linkosity ? power system, motorquick ? reduces motor change-out time by more than 65% to get equipment up and running faster. hubbells circuit-lock ? manual motor controllers "suitable as motor disconnects" hubbell flexibility with hubbells wide range of circuit-lock ? motor controllers and disconnects that offer several mounting options, nec ? line of sight requirements are easily achieved at the equipment or on the wall in virtually any industrial environment. switches with a compact footprint, a variety of nema ? type enclosures and plug-and-play linkosity ? make switch placement easier and more fexible than ever.
3 circuit-lock ? non-metallic disconnect switches, motorquick ? and vfds stainless steel, hazardous location disconnects and mechanical interlocks iec and insulgrip ? pin and sleeve; twist-lock ? mechanical interlocks 600v ac manual motor controllers/disconnects and enclosures nema ? is a registered trademark of the national electrical manufacturers association. motor loads in industrial environments are easily disconnected with hubbells complete line of ac manual motor controllers/disconnects, available in a wide variety of enclosure types including nema ? 1, 3r or 4x. ac manual motor controllers/disconnects page 10 enclosed ac manual motor controllers/disconnects page 11 horsepower ratings page 12 hubbells line of mechanical interlocks provide a horsepower rated receptacle and a means of disconnect for a variety of portable equipment, while eliminating the possibility of making lazy connections or breaking circuits under load. iec and insulgrip ? pin and sleeve mechanical interlocks page 8 watertight safety-shroud ? twist-lock ? mechanical interlocks page 9 stainless steel disconnect switched enclosures are ideal for withstanding harsh environments, while hazardous location disconnects prevent explosion hazards where flammable gases and combustible particles are present. nema 4x stainless steel disconnect switches page 6 hazardous location disconnects and mechanical interlocks page 7 for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com non-metallic disconnect switches control motor loads in wet or corrosive environments, while motorquick ? provides faster motor change-outs and vfd switches reduce equipment damage and stress on electrical systems. fused and unfused non-metallic disconnect switches page 4 motorquick ? and vfd switches page 5
4 hblds3 ? heavy duty, corrosion resistant type 4x valox ? enclosure ? superior safetyswitches can only be turned on with the cover closed ? easy installation with adjustable mounting feet and fully removable covers ? fused disconnect switches accept class "j" fuses ? unfused units are nsf certified hubbell circuit-lock ? non-metallic disconnect switches comply with both the controller and disconnect requirements of the nec ? , making them ideal for meeting line-of-sight requirements in a variety of industrial environments. they feature a high visibility red handle that can be locked in the "off" position to comply with osha lockout/tagout regulations. for maximum reliability, the external stainless steel hardware and rugged enclosure resist abuse and corrosion, while a neoprene gasket ensures a watertight seal. fds30 fds60 hblds3 fused disconnect switches 3 pole 600v ac amp description catalog number 30 circuit-lock fused disconnect switch. fds30* 60 circuit-lock fused disconnect switch. fds60* auxiliary contact, normally open, a600 pilot duty. acfsno auxiliary contact, normally closed, a600 pilot duty. acfsnc unfused disconnect switches in non-metallic enclosure** 3 pole 600v ac amp description catalog number 30 circuit-lock disconnect switch. hblds3 circuit-lock disconnect switch with hblac1 auxiliary contact. hblds3ac circuit-lock disconnect switch with hblac2 auxiliary contact. hblds3ac2 circuit-lock disconnect switch without conduit knockout or conduit fitting. hblds3nk circuit-lock disconnect switch with hblac1 auxiliary contact without conduit knockout or conduit fitting. hblds3acnk circuit-lock disconnect switch with 3 auxiliary contacts, w/o conduit knockouts. break before main break C 1 set normally open , 1 set normally closed . break after main break C 2 sets normally open , 1 set normally closed . hblds33acnk 60 circuit-lock disconnect switch. hblds6 circuit-lock disconnect switch with hblac1 auxiliary contact. hblds6ac 100 circuit-lock disconnect switch. hblds10 circuit-lock disconnect switch with hblac1 auxiliary contact. hblds10ac break after main break, 1 set of n/o contacts, 1 set of n/c contacts. hblac1 break before main break, 1 set of n/o contacts. hblac2 note: *class j fuses not included. **certified by nsf, international. acfsno nec ? is a registered trademark of the national fire protection association (nfpa). valox ? is a trademark of sabic innovative plastics, acquired from general electric company. hblac1 hblac2 for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com circuit-lock ? non-metallic disconnect switches "suitable as motor disconnects"
5 unfused disconnect switches 30a 3 pole 600v ac description catalog number non-metallic enclosure, circuit-lock disconnect switch for use with variable frequency drives. hblds3vfd stainless steel enclosure, circuit-lock disconnect switch for use with variable frequency drives. hblds3ssvfd hbl13 8 9 mqr2 hbl13 8 9 mq5 hblds3mqr hblds3mq5 quick disconnect switches 30a 3 pole 600v ac type 1 non-metallic enclosure catalog number hbl1389d with one pre-wired linkosity ? female receptacle (load side). hbl13 8 9 mqr hbl1389d with 5 foot pre-wired linkosity ? female cable (load side). hbl13 8 9 mq5 hbl1389d with one pre-wired linkosity ? male receptacle (line side) and one pre-wired linkosity ? female receptacle (load side). hbl13 8 9 mqr2 type 4x non-metallic enclosure hblds3 with one pre-wired linkosity ? female receptacle (load side). hblds3mqr hblds3 with 5 foot pre-wired linkosity ? female cable (load side). hblds3mq5 hblds3 with one pre-wired linkosity ? male receptacle (line side) and one pre-wired linkosity ? female receptacle (load side). hblds3mqr2 note: see page 6 for stainless steel option. hblds3vfd motorquick ? combines the plug-and-play technology of hubbells linkosity ? power system with the versatility of circuit-lock ? motor disconnect switches to drastically reduce the time it takes to replace motors. these quick disconnect switches feature lockable handles to meet osha lockout/tagout regulations and include pre-wired linkosity receptacles to meet a variety of application needs. the quick disconnect linkosity terminations, combined with the ability to conveniently pre-wire spare motors with a linkosity inlet without shutting down the entire line, reduces motor change-out time by more than 65%. the result is equipment up and running in a fraction of the time providing productivity and bottom-line savings. accessories description catalog number 3p 4w linkosity ? male receptacle for installation on motor. rm3004pa001 3p 4w linkosity ? double ended (male/female) 5-50 foot cable. ph3004pa xxx * lock-on cover for linkosity ? connections. ph2030c note: *cables available from 5-50 feet in 5 foot increments. to purchase larger cable, replace the xxx with the required length in feet. (examples: ph3004pa 005 = 5 foot cable, ph3004pa 015 = 15 foot cable.) hblds3ssvfd ? thoroughly tested for effective use with vfds ? powers down the drive prior to opening the motor disconnect ? prevents damage to the disconnect switch and the vfd hubbell's disconnect switch for variable frequency drives (vfds) prevents downtime from out-of-sequence equipment shutdowns when using vfds, the most common method of controlling conveyor system motors. the hblds3vfd integrates an early-break auxiliary contact installed in the hblds3 30 amp disconnect switch enclosure. the contact interfaces directly with vfds to execute a coast-to-stop, preventing damage to the disconnect switch and high- performance vfd output devices. motorquick ? and variable frequency drive (vfd) switches plug and play technology ? plug and play design allows for faster installation ? reduces motor change-out time by more than 65% ? crush and impact resistant mc cables for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com
6 hblac1 hblac2 unfused disconnect switches in stainless steel enclosure 3 pole 600v ac amp description catalog number 30 circuit-lock disconnect switch. hblds3ss circuit-lock disconnect switch with hblac1 auxiliary contact. hblds3ssac circuit-lock disconnect switch for use with variable frequency drives. hblds3ssvfd 60 circuit-lock disconnect switch. hblds6ss circuit-lock disconnect switch with hblac1 auxiliary contact. hblds6ssac 100 circuit-lock disconnect switch. hblds10ss circuit-lock disconnect switch with hblac1 auxiliary contact. hblds10ssac motorquick ? unfused disconnect switches in stainless steel enclosures 3 pole 600v ac amp description catalog number 30 hblds3ss with one pre-wired linkosity ? female receptacle (load side). hblds3ssmqr hblds3ss with 5 foot pre-wired linkosity ? female cable (load side). hblds3ssmq5 hblds3ss with one pre-wired linkosity ? male receptacle (line side) and one pre-wired linkosity ? female receptacle (load side). hblds3ssmqr2 accessories description catalog number break after main break, 1 set of n/o contacts, 1 set of n/c contacts. hblac1 break before main break, 1 set of n/o contacts. hblac2 ? certified by nsf for hygiene in food processing applications ? cover is embossed with on and off ? compact footprint ? motorquick ? option (30a only) ? increased depth accommodates up to 1?" size conduits hubbells stainless steel disconnect switch has been certified by nsf international for hygiene applications in food and beverage processing. these switched enclosures are designed for harsh environments to withstand exposure to water, chemicals, oils and frequent wash-downs. they feature 304 series stainless steel and are ul listed type 4x and 12 with a high visibility red handle that can be locked in the "off" position for compliance with osha lockout/tagout regulations. the din-rail mounted switch accommodates up to two auxiliary contacts for control circuit applications. hblds3ssmqr hblds6ss hblds3ss for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com disconnect switches in stainless steel enclosure "suitable as motor disconnects"
7 ? plug and switch are interlocked for superior safety ? ul1686 c1 listed and fully interchangeable with other ul1686 c1 devices ? compact size and footprint for easy placement ? nema 4x with receptacle lid turned shut or with plug locking ring tightened unfused mechanical interlocks and plugs amp poles/wires voltage ac receptacle plug 30 3 pole, 2 wire 600v ac hblvsq3023 hblvp3385 4 pole, 3 wire 600v ac hblvsq3034 hblvp3485 60 3 pole, 2 wire 600v ac HBLVSQ6023 hblvp6385 4 pole, 3 wire 600v ac hblvsq6034 hblvp6485 note: hblvsq series 30a models come standard with 1" drilled and tapped conduit openings top and bottom plus two 1" x ?" reducers and one ?" close-up plug for maximum flexibility. 60a models come with one 1?" opening on top and bottom and one 1?" close-up plug. hubbells hazardous location unfused disconnect and mechanical interlock switches are ideal for applications with the presence of flammable gases or vapors, or ignitable dusts and fibers. they are also suitable for use in outdoor or indoor damp, wet and dirty locations or in areas where frequent wash-downs, heavy rain or water spray routinely occurs. compact in size to reduce cost over industry standard sizes, these switches are easy to position on the wall or piece of equipment. the enclosures are made of copper-free aluminum and have a polyester/epoxy finish to prevent corrosion. the high visibility handles can be locked to meet osha lockout/tagout regulations. hubbell hazardous location mechanical interlocks and plugs offer superior safety. the plug and switch are interlocked so that the switch cannot be turned on without the plug fully inserted, and the plug cannot be removed when the switch is in the on position. the switch features a copper-free aluminum construction with epoxy finish and a chemical-resistant valox ? handle mechanism. hblb7nfd26a hblb7nfd13a unfused disconnect switches 3 pole 600v ac/230v dc amp description catalog number 30 disconnect switch. hblb7nfd13a disconnect switch with auxiliary contact. hblb7nfd13aa 60 disconnect switch. hblb7nfd26a disconnect switch with auxiliary contact. hblb7nfd26aa 100 disconnect switch. hblb7nfd21a disconnect switch with auxiliary contact. hblb7nfd21aa hblvsq3034 hblvp3485 class i, div. 1 & 2, groups b,c,d class l, zones 1 & 2, groups llb+ h2, lla class ii, div. 1 & 2, groups e,f,g class iii nema 3, 4, 4x, 7(b,c,d), 9(e,f,g) valox ? is a trademark of sabic innovative plastics, acquired from general electric company. for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com hazardous location unfused disconnect switches, mechanical interlocks and plugs heavy duty industrial environments ? compact size provides application flexibility and cost savings ? fewer cover bolts reduces installation and maintenance time ? removable ductile mounting lugs adjust to irregular mounting surfaces ? ul 98 certified switch
8 circuit-lock ? pin and sleeve mechanical interlocks amp poles/wires voltage ac unfused reverse service fused* 20 3 pole, 4 wire 120/240v hbl420mi12w 3 ? 240v hbl420mi9w 3 ? 480v hbl420mi7w 30 2 pole, 3 wire 120v hbl330mi4w 240v hbl330mi6w 480v hbl330mi7w 3 pole, 4 wire 120/240v hbl430mi12w hbl430mif12w 3? 240v hbl430mi9w hbl430mi9wr hbl430mif9w 3? 480v hbl430mi7w hbl430mi7wr hbl430mif7w 4 pole, 5 wire 3?y 120/208v hbl530mi9w 3?y 277/480v hbl530mi7w hbl530mif7w 32 3 pole, 4 wire 380v 50hz-440v 60hz hbl432mi3w 60 2 pole, 3 wire 120v hbl360mi4w 240v hbl360mi6w 480v hbl360mi7w 3 pole, 4 wire 120/240v hbl460mi12w hbl460mi12wr hbl460mif12w 3? 240v hbl460mi9w hbl460mi9wr hbl460mif9w 3? 480v hbl460mi7w hbl460mi7wr hbl460mif7w 4 pole, 5 wire 3?y 120/208v hbl560mi9w hbl560mif9w 3?y 277/480v hbl560mi7w 100 2 pole, 3 wire 240v hbl3100mi6w 3 pole, 4 wire 120/240v hbl4100mi12w hbl4100mi12wr 3? 240v hbl4100mi9w hbl4100mi9wr 3? 480v hbl4100mi7w hbl4100mi7wr 4 pole, 5 wire 3?y 120/208v hbl5100mi9w ip67 suitability insulgrip ? mechanical interlocks - style ii amp poles/wires voltage unfused fused* 30 3 pole, 4 wire 600v ac/250v dc hbl430mis2w hbl430mifs2w 60 3 pole, 4 wire 600v ac/250v dc hbl460mis2w hbl460mifs2w note: 20a, 30a, 32a C 1 inch n.p.t. hub supplied; 60a, 100a C 1? inch hub supplied. *class j fuses not included. valox ? is a trademark of sabic innovative plastics, acquired from general electric company. ? mechanically interlocked to prevent mating and breaking under load ? available in both iec and ul1686-c1 insulgrip ? styles ? fused disconnects accept class "j" fuses ? fully removable door for ease of wiring ? iec reverse service units available for safely connecting generators hbl420mi7w hbl430mif7w hbl430mis2w hubbell circuit-lock ? pin and sleeve mechanical interlocks are a revolutionary design that incorporates a disconnect switch and pin and sleeve receptacle in a compact non-metallic unit. these devices offer maximum safety by preventing users from mating or breaking a circuit under loadhubbells interlock mechanism detects the presence of a plug and prevents it from being removed when the switch is in the "on" position. it features a high visibility red handle that can be locked to meet osha lockout/tagout regulations, and the enclosure door can be locked to prevent unauthorized access. the rugged, corrosion-resistant type 4x valox ? enclosure features adjustable mounting feet for flexible installation, while the receptacles spring-loaded cover with gasket is dust tight and provides a watertight seal when turned and locked. for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com circuit-lock ? pin and sleeve mechanical interlocks 20, 30, 60 and 100 ampere C north american ratings, 32 ampere C international rating
9 ip66 suitability hbl2321sw hbl2320sw sehbl3 setl3 hblmitl hblmitl accepts the following watertight safety-shroud ? twist-lock ? receptacles: amp poles/wires voltage ac nema config. ref. number max. hp rating* receptacle mating plug 20 2 pole, 3 wire 120 l5-20 1 hbl2310sw hbl2311sw 208-240 l6-20 2.5 hbl2320sw hbl2321sw 277 l7-20 3 hbl2330sw hbl2331sw 3 pole, 4 wire 120/240 l14-20 2.5 hbl2410sw hbl2411sw 240 3? l15-20 5 (3@208v) hbl2420sw hbl2421sw 480 3? l16-20 10 hbl2430sw hbl2431sw 4 pole, 5 wire 120/208 3?y l21-20 3 hbl2510sw hbl2511sw 30 2 pole, 3 wire 120 l5-30 1 hbl2610sw hbl2611sw 208-240 l6-30 3 hbl2620sw hbl2621sw 3 pole, 4 wire 120/240 l14-30 3 hbl2710sw hbl2711sw 240 3? l15-30 7.5 hbl2720sw hbl2721sw 480 3? l16-30 15 hbl2730sw hbl2731sw 600 3? l17-30 15 hbl2740sw hbl2741sw 4 pole, 5 wire 120/208 3?y l21-30 7.5 hbl2810sw hbl2811sw 277/480 l22-30 7.5 hbl2820sw hbl2821sw 347/600 l23-30 7.5 hbl2830sw hbl2831sw note: *hp ratings for the final unit are determined by the hp rating of the switch, limited by the full load current capability of the receptacle at 80% of rated current, number of phases and line voltage. hp ratings listed above are ac only. switched safety enclosures (receptacles sold separately listed below) description ratings catalog number mechanical interlock accommodates 20a or 30a watertight safety-shroud ? twist-lock ? receptacles. amperage and voltage ratings will be determined by the choice of the watertight safety-shroud ? twist-lock ? selected. supplied with ?" n.p.t. hub. hblmitl hubbell's twist-lock ? mechanical interlock integrates an angled watertight hubbell safety-shroud ? twist-lock ? receptacle with a linked disconnect switch that prevents making lazy connection or breaking the circuit while under load. the switch cannot be turned "on" until the plug is properly inserted and locked, and the plug cannot be removed until the switch is turned "off". the pre-molded conduit entry hole is offset to prevent condensation from reaching interior components, while speeding installation by making it easier to pull conductors. twist-lock ? mechanical interlocks offer superior flexibilitythey can be used in a horizontal or vertical position, and the type 4x corrosion-resistant enclosure allows for top, bottom or back feed options. switched safety enclosures (receptacles sold separately**) description ratings catalog number switched twist-lock ? enclosure accommodates any nema 2 pole, 3 wire to 4 pole, 5 wire grounding receptacle. amperage, voltage, and horsepower ratings will be determined by the choice of the nema 20 or 30a twist-lock ? receptacle selected. setl3 switched enclosure for use with 3 pole 4 wire 30a hubbellock ? receptacle. amperage, voltage, and horsepower ratings will be determined by the choice of the 4 wire hubbellock ? . sehbl3 note: **please see the full line catalog for a complete selection of twist-lock and hubbellock devices. for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com ? mechanically interlocked to prevent mating and breaking under load ? switched enclosures sold separately from receptacle for custom electrical configurations ? type 4x rated system with and without the plug inserted ? horsepower rated switch ? enclosure is designed for top, bottom or back feed options twist-lock ? mechanical interlock switched safety enclosures circuit-lock ? unfused safety shroud ? twist-lock ?
10 30a, 40a and 50a 600v ac manual motor controllers/disconnects amp poles toggle-type wire hp rating catalog number 120v ac 1? 240v ac 3? 480v ac 3? 600v ac 3? 30 2 standard back/side 2 5 10 15 hbl7832d 2 short back/side 2 5 10 15 hbl7832ds 2 standard back/side 2 5 10 15 hbl7832dx* 3 standard back/side 3 7.5 15 20 hbl7810d 3 short back/side 3 7.5 15 20 hbl7810ds 40 2 standard side 2 5 10 15 hbl7842d 3 standard side 3 7.5 15 20 hbl7843d 50 2 standard side 2 5 10 15 hbl7852d 3 standard side 3 7.5 15 25 hbl7853d 60 2 standard back 10 15 20 hbl7862d 3 standard back 10 25 30 hbl7863d 2 standard front 10 15 20 hbl7862fwd 3 standard front 10 25 30 hbl7863fwd 85 2 standard back 10 15 20 hbl7882d 3 standard back 10 25 40 hbl7883d optional side guard, for close wall applications and fnger safe environments. hblfg30 note: * hbl832d is a 50 piece bulk pack of the hbl832d . hbl7810d hbl7863d hbl7853d hblfg30 for use in nearly any industrial environment, hubbell ac manual motor controllers/disconnects can be easily integrated into equipment and enclosures for either box or panel-mount installation. rated suitable as motor disconnect, they feature a quick make and slow break operation that ensures reliability and long life. hubbell ac manual motor controllers/disconnects have a 10,000 amp high fault short circuit withstand rating and a heat-resistant thermoset body that provides resistant to arc tracking and superior dielectric strength. the 30 amp controller features a brass terminal screw clamping plate for secure back or side wiring, and the 60 amp version is available with front or back wiring. ? all switches are suitable as a motor disconnect ? strong on/off action with a quick make and slow break operation ? heat-resistant thermoset body provides superior dielectric strength ? optional side guards available for close wall applications and finger safe environments 60a and 85a for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com 600v ac manual motor controllers/disconnects suitable as motor disconnects
11 circuit-lock ? nema 1 enclosures without switch for use with 30a switches shown on page 10. description cover material base material no. equipment grounds catalog number for use with 30a switch. thermoplastic steel 1 hbl13 9 0 for use with 30a switch. aluminum aluminum 2 hbl1370 hbl1390 hbl1370 hbl1389d hbl1379d circuit-lock ? nema 1 enclosures with switch ideal for use in industrial environments, i.e. conveyor systems, industrial fans, etc. amp poles enclosure material hp rating catalog number 120v ac 1? 240v ac 3? 480v ac 3? 600v ac 3? 30 2 thermoplastic/steel 2 5 10 15 hbl13 92 d 3 thermoplastic/steel 3 7.5 15 20 hbl13 8 9 d 30 2 aluminum 2 5 10 15 hbl1372 d 3 aluminum 3 7.5 15 20 hbl1379 d hbl13r22d hbl13r12d hbl13r89d hbl16r93d circuit-lock ? nema 3/3r enclosures with switch* ideal for use on outdoor equipment. amp poles enclosure material hp rating catalog number 120v ac 1? 240v ac 3? 480v ac 3? 600v ac 3? 30 2 thermoplastic 2 5 10 15 hbl13 r2 2 d 3 thermoplastic 3 7.5 15 20 hbl13r23d 30 2 aluminum 2 5 10 15 hbl13 r12 d ? 3 aluminum 3 7.5 15 20 hbl13r13d ? note: *drill weep-hole to alter from nema 3 to nema 3r. ? equipped with hblfg30 sidewall insulation barriers. circuit-lock ? nema 3r enclosures without switch for use with switches shown on page 10. description enclosure material catalog number for use with 30a switch. aluminum hbl13 r9 0 for use with 60a switch. aluminum hbl16 r9 0 circuit-lock ? nema 3r enclosures with switch ideal for use in outdoor environments. amp poles enclosure material hp rating catalog number 120v ac 1? 240v ac 3? 480v ac 3? 600v ac 3? 30 2 aluminum 2 5 10 15 hbl13r92d 3 aluminum 3 7.5 15 20 hbl13 r8 9 d 60 2 aluminum 10 15 20 hbl16r92d 3 aluminum 10 25 30 hbl16r93d hbl13x33d hbl16s63d circuit-lock ? nema 4x enclosures with rotary handle ideal for use in environments where wash-down is necessary, i.e. food processing, laboratories, etc. amp poles enclosure material hp rating catalog number 120v ac 1? 240v ac 3? 480v ac 3? 600v ac 3? 30 2 stainless steel 3 7.5 15 20 hbl13 s 3 3 d 3 valox ? 3 7.5 15 20 hbl13x3 3 d 60 3 stainless steel 10 25 30 hbl16s63d 3 valox ? 10 25 30 hbl16x6 3 d finger guard option for 30a switch. hblfg30 no/nc auxiliary contact, 10a 120/250v ac for 30 and 60 amp rotary switches. hblaux valox ? is a trademark of sabic innovative plastics, acquired from general electric company. for complete listing of hubbell products see our full line catalog. www.hubbell-wiring.com nema disconnect switches suitable as motor disconnects
hubbell wiring device-kellems ? hubbell incorporated (delaware) ? 40 waterview drive ? shelton, ct 06484 ? phone (800) 288-6000 ? fax (800) 255-1031 printed in u.s.a. specifcations subject to change without notice. ? register ed trademarks of hubbell incorporated. wlbsb001 11/12 www.hubbell-wiring.com wiring device-kellems ? hbl16r93d hblds3 fds30 hbl13s33d hbl13r89d hbl1379d hblds3mqr hblds3mq5 hbl7843d hbl7863d hbl7810d hbl7853d wiring device-kellems ? circuit-lock ? and motorquick ? manual motor controllers and disconnects quick reference guide circuit-lock ? switched enclosures hp catalog number amp description phase poles 120 240 480 600 hbl1372 d 30 nema 1 aluminum 1 2 2 5 10 15 hbl1379 d 30 nema 1 aluminum 3 3 3 7.5 15 20 hbl13 92 d 30 nema 1 non-metallic 1 2 2 5 10 15 hbl13 8 9 d 30 nema 1 non-metallic 3 3 3 7.5 15 20 hbl13 r2 2 d 30 nema 3/3r non-metallic 1 2 2 5 10 15 hbl13r23d 30 nema 3/3r non-metallic 3 3 3 7.5 15 20 hbl13 r12 d 30 nema 3r die cast aluminum 1 2 2 5 10 15 hbl13r13d 30 nema 3r die cast aluminum 3 3 3 7.5 15 20 hbl13r92d 30 nema 3r aluminum 1 2 2 5 10 15 hbl13 r8 9 d 30 nema 3r aluminum 3 3 3 7.5 15 20 hbl16r92d 60 nema 3r aluminum 1 2 10 15 20 hbl16r93d 60 nema 3r aluminum 3 3 10 25 30 hblds3* 30 type 4x non-metallic 3 3 1 7.5 15 15 hblds3ac* 30 type 4x non-metallic 3 3 1 7.5 15 15 hblds3nk 30 type 4x non-metallic 3 3 1 7.5 15 15 hblds3acnk 30 type 4x non-metallic 3 3 1 7.5 15 15 hblds33acnk 30 type 4x non-metallic 3 3 1 5 10 10 hblds6* 60 type 4x non-metallic 3 3 7.5 30 50 50 hblds6ac* 60 type 4x non-metallic 3 3 7.5 30 50 50 hblds10* 100 type 4x non-metallic 3 3 7.5 30 50 50 hblds10ac* 100 type 4x non-metallic 3 3 7.5 30 50 50 hbl13 s 3 3 d 30 nema 4x stainless steel 3 3 3 7.5 15 20 hbl13x3 3 d 30 nema 4x non-metallic 3 3 3 7.5 15 20 hbl16s63d 60 nema 4x stainless steel 3 3 10 25 30 hbl16x6 3 d 60 nema 4x non-metallic 3 3 10 25 30 fds30 30 nema 4x non-metallic fused disconnect 3 3 2 7.5 15 20 fds60 60 nema 4x non-metallic fused disconnect 3 3 3 15 30 40 note: *stainless steel version carries the same hp rating. motorquick ? disconnect switches hp catalog number amp description phase poles 120 240 480 600 hbl13 8 9 mqr 30 nema 1 non-metallic 3 3 3 7.5 15 20 hbl13 8 9 mq5 30 nema 1 non-metallic 3 3 3 7.5 15 20 hbl13 8 9 mqr2 30 nema 1 non-metallic 3 3 3 7.5 15 20 hblds3mqr 30 nema 4x non-metallic 3 3 1 7.5 15 15 hblds3mq5 30 nema 4x non-metallic 3 3 1 7.5 15 15 hblds3mqr2 30 nema 4x non-metallic 3 3 1 7.5 15 15 circuit-lock ? switches hp catalog number amp description phase poles 120 240 480 600 hbl7832d 30 toggle switch 1 2 2 5 10 15 hbl7832ds 30 short toggle switch 1 2 2 5 10 15 hbl7832dx 30 toggle switch, bulk pack 1 2 2 5 10 15 hbl7810d 30 toggle switch 3 3 3 7.5 15 20 hbl7810ds 30 short toggle switch 3 3 3 7.5 15 20 hbl7842d 40 toggle switch 1 2 2 5 10 15 hbl7843d 40 toggle switch 3 3 3 7.5 15 20 hbl7852d 50 toggle switch 1 2 2 5 10 15 hbl7853d 50 toggle switch 3 3 3 7.5 15 25 hbl7862d 60 toggle switch 1 2 10 15 20 hbl7863d 60 toggle switch 3 3 10 25 30 hbl7862fwd 60 toggle switch C front wire 1 2 10 15 20 hbl7863fwd 60 toggle switch C front wire 3 3 10 25 30 hbl7882d 85 toggle switch 1 2 10 15 20 hbl7883d 85 toggle switch 3 3 10 25 40


▲Up To Search▲   

 
Price & Availability of HBLVSQ6023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X